Part Number Hot Search : 
C2012 SM6T12A2 IPP80N04 K3010S 2SB15 A107M SB100 4HCT1
Product Description
Full Text Search
 

To Download SR8200K Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SCHOTTKY BARRIER RECTIFIER
VOLTAGE RANGE 20 to 200 Volts CURRENT 8.0 Ampere
FEATURES
* * * * * High reliability Low switching loss Low forward voltage drop High current capability High switching capability
SR820K THRU SR8200K
.051 (1.3)
.035 (0.9)
MECHANICAL DATA
* Epoxy: Device has UL flammability classification 94V-O * Case: Molded plastic * Lead: MIL-STD-202E method 208C guaranteed * Mounting: position: Any * Weight: 0.33 grams
D-PAK
.264 (6.7) .248 (6.3) .217 (5.5) .201 (5.1) .098 (2.5) .083 (2.1) .024 (0.6) .016 (0.4)
PIN3
.244 (6.2)
.228 (5.8)
.398 (10.11)
.382 (9.71)
PIN1
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 o C ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20%.
TYP .091 (2.30) .183 (4.65) .179 (4.55)
.031 (0.8) .016 (0.4)
PIN 1 PIN 2 PIN 3
TYP 1.00 TYP .020 (0.50)
HEATSINK
Dimensions in inches and (millimeters) MAXIMUM RATINGS (@ TA=25 OC unless otherwise noted) RATINGS Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current at Derating Case Temperature Peak Forward Surge Current 8.3 ms single half sine-wave superimposed on rated load (JEDEC method) Typical Thermal Resistance (Note 1) Typical Junction Capacitance (Note 2) Operating Temperature Range Storage Temperature Range CHARACTERISTICS Maximum Instantaneous Forward Voltage at 8.0A DC Maximum Average Reverse Current at Rated DC Blocking Voltage @T A = 25 o C @T A = 100 o C SYMBOL VRRM VRMS VDC IO I FSM RqJA RqJC CJ TJ T STG SYMBOL VF IR 700 150 -55 to + 150
SR820K SR830K SR835K SR840K SR845K SR850K SR860K SR880K SR8100K SR8150K SR8200K
UNITS Volts Volts Volts Amps Amps
0
20 14 20
30 21 30
35 25 35
40 28 40
45 32 45
50 35 50 8.0 150 60 3
60 42 60
80 56 80
100 70 100
150 105 150
200 140 200
C/W pF
0 0
450
C C
ELECTRICAL CHARACTERISTICS (@TA=25 OC unless otherwise noted)
SR820K SR830K SR835K SR840K SR845K SR850K SR860K SR880K SR8100K SR8150K SR8200K
UNITS Volts mA mA 2006-12
.65
.75 0.2 2
.85
NOTES : 1. Thermal Resistance : Heat-sink case mounted or if PCB mounted. 2. Measured at 1 MHz and applied reverse voltage of 4.0 volts. 3. "Fully ROHS compliant", "100% Sn plating (Pb-free)". 4. Suffix "R" for Reverse Polarity. 5. Suffix "S" for D2-PAK Pkg.
RATING AND CHARACTERISTICS CURVES ( SR820K THRU SR8200K )
INSTANTANEOUS REVERSE CURRENT, (mA)
AVERAGE FORWARD CURRENT, (A)
10 8
SR8
100
10
TA = 100 OC
6
SR 82
50K
~S R
1.0
4 2 0
820
0K
~S
0K
0.1
TA = 25 OC SR820K~SR840K SR850K~SR8200K
R8 45 K
Single Phase Half Wave 60Hz Inductive or Resistive Load
0.01
0
50
100
O
150
0
20
40
60
80
100
120
140
CASE TEMPERATURE, ( C)
PERCENT OF RATED PEAK REVERSE VOLTAGE, (%)
INSTANTANEOUS FORWARD CURRENT, (A)
SR820K~SR845K
CJ, JUNCTION CAPACITANCE, (pF)
50
FIG.1 TYPICAL FORWARD CURRENT DERATING CURVE
4000 2000 1000 800 600 400 200 100
FIG.2 TYPICAL REVERSE CHARACTERISTICS
10
SR850K~SR860K SR880K~SR8200K
SR820K~SR845K
1.0
TJ = 25 C Pulse width=300mS 1% Duty Cycle
O
SR850K~SR8200K
0.1
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
0.1
0.4
1.0
4
10
40
80100
INSTANTANEOUS FORWARD VOLTAGE, (V)
REVERSE VOLTAGE, (V)
FIG.3 TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS
PEAK FORWARD SURGE CURRENT, (A)
FIG.4 TYPICAL JUNCTION CAPACITANCE
155 150 145 140 135 130 125 1 2 5
8.3mS Single Half Sine-Wave JEDEC Method
10
20
50
100
NUMBER OF CYCLES AT 60Hz
FIG.5 MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT
DISCLAIMER NOTICE
Rectron Inc reserves the right to make changes without notice to any product specification herein, to make corrections, modifications, enhancements or other changes. Rectron Inc or anyone on its behalf assumes no responsibility or liability for any errors or inaccuracies. Data sheet specifications and its information contained are intended to provide a product description only. "Typical" parameters which may be included on RECTRON data sheets and/ or specifications can and do vary in different applications and actual performance may vary over time. Rectron Inc does not assume any liability arising out of the application or use of any product or circuit. Rectron products are not designed, intended or authorized for use in medical, life-saving implant or other applications intended for life-sustaining or other related applications where a failure or malfunction of component or circuitry may directly or indirectly cause injury or threaten a life without expressed written approval of Rectron Inc. Customers using or selling Rectron components for use in such applications do so at their own risk and shall agree to fully indemnify Rectron Inc and its subsidiaries harmless against all claims, damages and expenditures.


▲Up To Search▲   

 
Price & Availability of SR8200K

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X